Part Number Hot Search : 
B3916 LPC1313 HE13002 10030 S5F325NU 68HC0 B3916 10191
Product Description
Full Text Search
 

To Download TX-5B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silan Semiconductors
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
DESCRIPTION
The TX-5B/RX-5B are a pair of CMOS LSIs designed for remote controlled car applications. They have nine control keys controlling the motions (i.e. forward, backward, rightward, leftward, trigger 1-trigger 4 functions and the turbo function) of the remote controlled car. The TX-5B is housed in DIP-16 package, and the RX-5B is housed in DIP-22 package.
TX-5B/RX-5B
DIP-16
DIP-22
FEATURES
* Wide operating voltage range TX-5B: (VDD=2.2~12.0V) RX-5B: (VDD=3.0~12.0V) * Very Low stand-by current for TX-5B * Auto-power-off function for TX-5B * Few external components are needed * Built-in 3.6V zener for RX-5B * 9 functions remote controller controlling: forward,backward, right, left, turbo, trigger 1-- trigger 4 functions
ORDERING INFORMATION
Part No.
TX-5B/RX-5B
Package
DIP-16-300-2.54 DIP-22-400-2.54
PIN CONFIGURATION
VO2 GND RIGHT TEST GND BACKWARD FORWARD TURBO SC F34
1 2 3 4 5 6 7 8 9 10 11
22 21 20 19 18
VI2 VO1 VI1 VDD TURBO F3 FORWAR F4 BACKWAR LRTD LDB
1 2 3 4 5 6 7 8
16 15 14 13
LEFT SI F1 OSCI OSCI OSCO OSCO F1 PC RIGHT VDD F2 SO LEFT F2 VT RDB
RX-5B
17 16 15 14 13 12
TX-5B 12
11 10 9
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
1
Silan Semiconductors
BLOCK DIAGRAM
TEST
TX-5B/RX-5B
2
OSCI
14 Oscillator 13 Timing Generator
OSCO
RIGHT
1 16 6 5 4 Latch Circuit Encoding Circuit Logic
11 VDD
LEFT
12 PC 10 SO 7 SC
TURBO
FORWARD
BACKWARD
15
F1
9
F2
8
F34
3
GND
TX-5B Block Diagram
OSCI
4
Oscillator
Timing Generator
Counter
19 VDD
OSCO
5 3 21 20 12 13 11 10 22 1 2
GND Control Logic Latch Circuit AMP Decoding Circuit
SI VO1 VI1
PLA
7 RIGHT 9 LEFT
LDB LRTD RDB VT
18 TURBO 14 BACKWARD 16 FORWARD 6 8
F1 F2 F3 F4
VI2 VO2
17 15
RX-5B Block Diagram
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
2
Silan Semiconductors
ABSOLUTE MAXIMUM RATINGS
Characteristic
DC Supply Voltage Input/Output Voltage Operating Temperature Storage Temperature
TX-5B/RX-5B
Symbol
VDD VIN,VOUT Topr Tstg
Value
0.3 ~ 5.0 GND-0.2V ~ VDD+0.2V -10 ~ +60 -25~+125
Unit
V V C C
COMMENT
Never allow a stress to exceed the values listed under "Absolute Maximum Ratings", otherwise the device would suffer from a permanent damage. Nor is a stress at the listed value be allowed to persist over a period, since an extended exposure to the absolute maximum rating condition may also affect the reliability of the device, if not causing a damage thereof.
ELECTRICAL CHARACTERISTICS TX-5B
(VDD=9V,Fosc=128KHz, Tamb=25C,unless otherwise specified.) Parameter
Operating Voltage Operating Current Stand-By Current DC O/P Driving Current(RF) AC O/P Driving Current(IR) AC O/P Frequency
Symbol
VDD IDD ISTB Idrive Idrive Faudio
Min
2.2 ------
Typ
9.0 -1.0 10.0 6.0 500
Max
12.0 1.5 1000 ----
Unit
V mA A mA mA Hz
RX-5B
(VDD=9V,Fosc=128KHz, Tamb=25C,unless otherwise specified.) Parameter
Operating Voltage Operating Current O/P Driving Current O/P Driving Current(F1,F2) Effect Decoding Frequency Variation
Symbol
VDD IDD Idrive Idf Ftolerance
Min
3.0 -5.0 5.0 -50%
Typ
9.0 30.0 ----
Max
12.0 ---50%
Unit
V mA mA mA --
PIN DESCRIPTION TX-5B
Pin No.
1 2 3
Symbol
RIGHT TEST GND
Description
The rightward function will be selected when this pin is connected to GND This pin is used for testing mode Negative power supply (To be continued)
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
3
Silan Semiconductors
(Continued)
TX-5B/RX-5B
Description
Pin No.
4 5 6 7 8 9 10 11 12 13 14 15 16
Symbol
BACKWARD FORWARD TURBO SC F34 F2 SO VDD PC OSCO OSCI F1 LEFT
The backward function will be selected when this pin is connected to GND The forward function will be selected when this pin is connected to GND The turbo function will be selected, if this pin is connected to GND Output pin of the encoding signal with carrier frequency F3 and F4 function select (sequential trigger) F2 function select Output pin of the encoding signal without carrier frequency Positive power supply Power control output pin Oscillator output pin Oscillator input pin F1 function select The leftward function will be selected when this pin is connected to GND
RX-5B
Pin No.
1 2 3 4 5 6,8,17,15 7 9 10 11 12 13 14 16 18 19 20 21 22
Symbol
VO2 GND SI OSCI OSCO F1, F2,F3,F4 RIGHT LEFT VT RDB LDB LRTD BACKWARD FORWARD TURBO VDD VI1 VO1 VI2 Negative power supply Input pin of the encoding signal Oscillator input pin Oscillator output pin F1,F2,F3,F4 function output pin Rightward output pin Leftward output pin Auto Shut-OFF input pin.
Description
Inverter 2 output pin for signal amplify
If VT voltage exceeds 1.4V, all outputs shut off automatically. Right disable pin. Left disable pin. Left/right turbo disable pin Backward output pin Forward output pin TURBO output pin Positive power supply Inverter 1 input pin for signal amplify Inverter 1 output pin for signal amplify Inverter 2 input pin for signal amplify
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
4
Silan Semiconductors
FUNCTION DESCRIPTION
TX-5B/RX-5B
The TX-5B/RX-5B are a pair of CMOS LSIs designed for remote controlled car applications. The TX-5B/RX-5B have nine control keys controlling the motions (i.e. forward, backward, rightward, leftward, and trigger1--trigger4 functions and the turbo function) of the remote controlled car. 1. OVER-CURRENT PROTECTION An Auto Shut-Off mechanism is built-in according to Toy Safety Requirement and effective during over-current situation in motor driver. The active high input applying to this Auto Shut-Off pin will turn off the motor. (VT pin, when unused, has to be connected to ground. The transfer point=1.4V) 2. DATA FORMAT F1="1"
500Hz, 3/4 duty
F0="0"
500Hz, 1/4 duty
3. CODING METHOD 3.1 when a trigger pin is triggered, its data code will correspond to the data format of "F1", while the remaining pins will have the data format of "F0". 3.2. Data string: start code + data code +parity code + end code start code = F1 F1 F1 F1 F0 data code = F B T R L F1 F3 F4 F2
F = Forward F1 = Function1
B = Backward F2 = Function2
T = Turbo F3 = Function3
R = Right F4 = Function4
L = Left
parity code = for parity check end code = for (latch data) * Data code can be any combination of F,B,T,R,L,F1,F2,F3,F4 except for F&B, R&L, F3&F4.
OUTPUT TABLES
Function FORWARD LEFT+FORWARD RIGHT+FORWARD TURBO TURBO+FORWARD TURBO+LEFT+ FORWARD TURBO+RIGHT+FORWARD H H H Output Status F H H H H H H H H (To be continued) H H H B T R L F1 F2 F3 F4
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
5
Silan Semiconductors
(Continued) Function BACKWARD BACKWARD+RIGHT BACKWARD+LEFT TURBO+BACKWARD TRUBO+BACKWARD+RIGHT TURBO+BACKWARD +LEFT LEFT RIGHT FUNCTION1 FORWARD+FUNCTION1 FORWARD+TURBO+FUNC1 TURBO+FUNC1 BACKWARD+FUNC1 BACKWARD+TURBO+FUNC1 LEFT+FORWARD+FUNC1 RIGHT+FORWARD+FUNC1 LEFT+ BACKWARD +FUNC1 RIGHT+ BACKWARD +FUNC1 LEFT+FUNCTION1 RIGHT+FUNCTION1 H H H H H H H H H H H H H H H H H H
TX-5B/RX-5B
Output Status B H H H H H H H H H H H H H H H H H H H H H H H H H T R L H F1 F2 F3 F4
F
Note: (1) In the table, blank=F0. Rows from "FUNCTION1" to "RIGHT+FUNCTION1" (the last row) are similar for FUNCTION2, FUNCTION2, FUNCTION2. Thus, we can see from the table that we have more than 50 states of function combinations from 8 control keys. (2) H = high level. (3) LRTD pin functions as an option pin for LEFT/RIGHT turbo disable. Please refer to the following table.
"LRTD"
HIGH (OPEN) LOW
Key Selected
FORWARD+LEFT (RIGHT)+ TURBO FORWARD+LEFT (RIGHT)+ TURBO
Output Function
FORWARD+LEFT (RIGHT)+ TURBO FORWARD+LEFT (RIGHT)
TESTING CIRCUIT (Fosc for RX-5B 128KHz, Fosc for TX-5B 128KHz)
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
6
Silan Semiconductors
TX-5B/RX-5B
BACKWARD FORWARD TURBO
fosc=128KHz 75K
R.F. Transmitter
R6
F3
16
6V F
LEFT
15
F1
14
13
12
PC
11
VDD
10
SO
9
F2
22
VI2
21
VO1
20
VI1
19 RX-5B
18
17
16
FORWARD
15
F4
F4
14
13
12 M
IN4148
OSCI OSCO
VDD TURBO F3
TX-5B
BACK- FORRIGHT TEST GND WARD WARD TURBO SC F34 VO2 GND SI
BACK- LRTD LDB WARD LEFT VT RDB
100
OSCI OSCO
F1 RIGHT F2
1
2
3
4
5
6
7
8
1
R.F. Receiver
2
3
4
5
6
7
8
9
10
11
1M 1 10F
VDD
110K F1 RIGHT F2 LEFT
BACKWARDB
RIGHTB
LEFTB
F34B
F1B
FORWARDB
TURBOB
F2B
TX-5B output pin (SO) has an inverted phase with RX-5B input (SI). If TX-5B&RX-5B are connected without using a RF module, an inverter has to be inserted between these 2 pins, as shown below.
VDD
TX-5B F34 is sequential trigger pin, it controls F3&F4 output at the receiver.
F34B (TX Input)
11 VDD SO 10
VDD 3
15 VDD SI
F3 (RX Output)
F4 (RX Output)
TX-5B
RX-5B
connect directly
RX-5B R6, INDEX
VDD
12 9 6
R6
270 180 68
TYPICAL APPLICATION CIRCUIT
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
7
Silan Semiconductors
TX-5B/RX-5B
Transmitter (TX-5B Fosc128KHz)
9V
R
L
AMP
1 2
B
RIGHT
LEFT
16 15 14
R7 50K VR1 100K CRYSTAL R1 330 R2 120K 27.145MHz
L1
C3 0.02F
L2
TEST
F1
3 4
F T
GND
OSCI
C4 47pF
C8 47pF
L3
BACKWARD FORWARD
OSCO
13 12 11
C1 0.02F
5 6 7 8
PC
T1 C5 47pF R5 33K
C6 47pF R6 100
T2
C9 100pF
C10 10pF
TURBO
VDD
R3 100 C2 33 F
C7 0.02F
SC
SO
10 9
R4 6.8K
F34
F2
TX-5B
Receiver (RX-5B Fosc128KHz)
R4 3.3K R5 100 C7 47F C1 10pF L1 C10 0.1F R9 3.3K R8 3.9M R12 330 R7 330 C11 0.01 C12 F 500pF R11 330 T6 T8 R21 330 R20 100 T7 T9 R22 100 T10 C8 47F R6 270 C9 220F D1 IN4148 C15 100F SW
C3 47pF
L2
T1 C2 15pF R3 1.2K R1 5.6K R2 3.3K
M1
MOTOR T11 R23 330
12V
C6 0.002F
C5 3.3F
C4 0.01F R10 3.9M
22
VI2
VO2
1
R13 3.3K
PACKAGE OUTLINE
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
21
VO1
20
VI1
19
18
17
F3
16
FORWARD
15
F4
14
13
12
VDD TURBO
BACK- LRTD LDB WARD R19 220
R24 10(1W) 0V
RX-5B
GND SI OSCI OSCO F1 RIGHT F2 LEFT VT RDB
C17 0.1 T3 T4
2
3
4
5
6
7
8
9
10
11
R25 220
R18 330 R14 110K fosc=128KHz C13 0.002F C14 10F R15 1M R16 1 R17 330 D2 IN4148 T2
M2
MOTOR T5
8
Silan Semiconductors
DIP-16-300-2.54
2.54
TX-5B/RX-5B
UNIT:mm
0.25
6.35B
19.55B0.3
1.52
7.62
15 degree
0.5MIN
0.99B0.3
0.46B0.08
1.27MAX
3.00MIN
4.36MAX
0.25B
0.05
DIP-22-400-2.54
2.54 0.05 9.12 1.5MAX 27.8B0.2 10.16
UNIT:mm
15 degree
0.5MIN
0.45B0.1
1.2
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
9
3.5B
0.3
5.1MAX
0.25B
Silan Semiconductors
Attach Revision History
Data
2000.12.31
TX-5B/RX-5B
REV
1.0 Original
Description
Add the "ORDERING INFORMATION " Delete the "1.TURBO FUNCTION "in the "FUNCTION DESCRIPTION" Modify the "OUTPUT TABLES"
Page
1 5 5-6 7 8
2002.03.26
2.0
Modify the "TESTING CIRCUIT" Modify the "Receive (RX-5B Fosc 128KHz)" in the "TYPICAL APPLICATION CIRCUIT" Modify the "PACKAGE OUTLINE"
9
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2002.03.26
10


▲Up To Search▲   

 
Price & Availability of TX-5B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X